Part Number Hot Search : 
115A521 AD6472 STK086 D74HC MC3346 C484FD26 Z0103M AT91S
Product Description
Full Text Search
 

To Download FSBB15CH60D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2015 fairchild semiconductor corporation 1 www.fairchildsemi.com FSBB15CH60D rev. 1.0 august 2015 FSBB15CH60D moti on spm? 3 series FSBB15CH60D motion spm ? 3 series features ? ul certified no. e209204 (ul1557) ? 600 v - 15 a 3-phase igbt inverter with integral gate drivers and protection ? low-loss, short-circuit rated igbts ? very low thermal resistance using al 2 o 3 dbc substrate ? built-in bootstrap diodes and dedicated vs pins simplify pcb layout ? separate open-emitter pins from low-side igbts for three-phase current sensing ? single-grounded power supply ? lvic temperature-sensing built-in for temperature monitoring ? isolation rating: 2500 v rms / 1 min. applications ? motion control - home appliance / industrial motor related resources ? an-9044 - motion spm ? 3 series users guide general description FSBB15CH60D is an ad vanced motion spm ? 3 module providing a fully-featured, high-performance inverter output stage for ac induction, bldc, and pmsm motors. these modules integr ate optimized gate drive of the built-in igbts to minimize emi and losses, while also providing multiple on-module protection features includ- ing under-voltage lockouts, over-current shutdown, thermal monitoring of drive ic, and fault reporting. the built-in, high-speed hvic r equires only a single supply voltage and translates the incoming logic-level gate inputs to the high-voltage, high-current drive signals required to properly drive the module's internal igbts. separate negative igbt terminals are available for each phase to support the widest variety of control algorithms. package marking and ordering inform ation figure 1. package overview device device marking package packing type quantity FSBB15CH60D FSBB15CH60D spmcc-027 rail 10
?2015 fairchild semiconductor corporation 2 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series integrated power functions ? 600 v - 15 a igbt inverter for three-phase dc / ac power conversion (please refer to figure 3) integrated drive, protectio n and system control functions ? for inverter high-side igbts: gate drive circ uit, high-voltage isolated high-speed level shifting control circuit under-voltage lock-out protection (uvlo) note: available bootstrap circuit exam ple is given in figures 5 and 14. ? for inverter low-side igbts: gate driv e circuit, short-circuit protection (scp) control supply circuit under-voltage lock-out protection (uvlo) ? fault signaling: corresponding to uvlo (low-side supply) and sc faults ? input interface: active-high interface, wor ks with 3.3 / 5 v logic, schmitt-trigger input pin configuration figure 2. top view
?2015 fairchild semiconductor corporation 3 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series pin descriptions pin number pin name pin description 1v cc(l) low-side common bias voltage for ic and igbts driving 2 com common supply ground 3in (ul) signal input for low-side u-phase 4in (vl) signal input for low-side v-phase 5in (wl) signal input for low-side w-phase 6v fo fault output 7v ts output for lvic temperature sensing voltage output 8c sc capacitor (low-pass filter) for shor t-circuit current detection input 9in (uh) signal input for high-side u-phase 10 v cc(h) high-side common bias voltage for ic and igbts driving 11 v b(u) high-side bias voltage for u-phase igbt driving 12 v s(u) high-side bias voltage ground for u-phase igbt driving 13 in (vh) signal input for high-side v-phase 14 v cc(h) high-side common bias voltage for ic and igbts driving 15 v b(v) high-side bias voltage for v-phase igbt driving 16 v s(v) high-side bias voltage ground for v phase igbt driving 17 in (wh) signal input for high-side w-phase 18 v cc(h) high-side common bias voltage for ic and igbts driving 19 v b(w) high-side bias voltage for w-phase igbt driving 20 v s(w) high-side bias voltage ground for w-phase igbt driving 21 n u negative dc-link input for u-phase 22 n v negative dc-link input for v-phase 23 n w negative dc-link input for w-phase 24 u output for u-phase 25 v output for v-phase 26 w output for w-phase 27 p positive dc-link input
?2015 fairchild semiconductor corporation 4 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series internal equivalent circ uit and input/output pins figure 3. internal block diagram notes: 1. inverter low-side is composed of three igbts, freewheeling diodes for each igbt, and one control ic. it has gate drive and p rotection functions. 2. inverter power side is composed of four inverter dc-link input terminals and three inverter output terminals. 3. inverter high-side is composed of three igbts, freewheeling diodes, and three drive ics for each igbt. com v cc in in in v fo v ts c sc out out out n u (2 1) n v (22) n w (2 3) u (24) v ( 2 5) w ( 2 6) p (27) (2 0) v s(w) (1 9) v b(w) (16) v s(v) (1 5) v b(v) (8 ) c sc (7) v ts (6) v fo (5) in (wl ) (4) in (vl ) (3) in (ul ) (2) com (1) v cc(l) v cc v b out com v s in v b v s out in com v cc v cc v b out com v s in (1 8) v cc (h) (17) in (wh ) (1 4) v cc (h) (1 3) in (vh) (12) v s( u) (1 1) v b(u) (1 0) v cc (h) (9 ) in (uh)
?2015 fairchild semiconductor corporation 5 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series absolute maximum ratings (t j = 25c, unless otherwise specified) inverter part control part bootstrap diode part total system thermal resistance note: 4. these values had been made an acquisition by the calculation considered to design factor. 5. for the measurement point of case temperature (t c ), please refer to figure 2. symbol parameter conditions rating unit v pn supply voltage applied between p - n u , n v , n w 450 v v pn(surge) supply voltage (surge) applied between p - n u , n v , n w 500 v v ces collector - emitter voltage 600 v i c each igbt collector current t c = 25c, t j ?? 150c (note 4) 15 a i cp each igbt collector current (peak) t c = 25c, t j ? 150c, under 1 ms pulse width (note 4) 30 a p c collector dissipation t c = 25c per one chip (note 4) 58 w t j operating junction temperature -40 ~ 150 c symbol parameter conditions rating unit v cc control supply voltage applied between v cc(h) , v cc(l) - com 20 v v bs high-side control bias voltage applied between v b(u) - v s(u) , v b(v) - v s(v) , v b(w) - v s(w) 20 v v in input signal voltage applied between in (uh) , in (vh) , in (wh) , in (ul) , in (vl) , in (wl) - com -0.3 ~ v cc +0.3 v v fo fault output supply voltage applied between v fo - com -0.3 ~ v cc +0.3 v i fo fault output current sink current at v fo pin 2 ma v sc current sensing input voltage applied between c sc - com -0.3 ~ v cc +0.3 v symbol parameter conditions rating unit v rrm maximum repetitive reverse voltage 600 v i f forward current t c = 25c, t j ?? 150c (note 4) 0.5 a i fp forward current (peak) t c = 25c, t j ? 150c, under 1 ms pulse width (note 4) 2.0 a t j operating junction temperature -40 ~ 150 c symbol parameter conditions rating unit v pn(prot) self protection supply voltage limit (short circuit protection capability) v cc = v bs = 13.5 ~ 16.5 v, t j = 150c, non-repetitive, < 2 ? s 400 v t c module case operation temperature see figure 2 -40 ~ 125 c t stg storage temperature -40 ~ 125 c v iso isolation voltage 60 hz, sinuso idal, ac 1 minute, connection pins to heat sink plate 2500 v rms symbol parameter conditions min. typ. max. unit r th(j-c)q junction to case thermal resistance (note 5) inverter igbt part (per 1 / 6 module) - - 2.15 c / w r th(j-c)f inverter fwd part (per 1 / 6 module) - - 2.85 c / w
?2015 fairchild semiconductor corporation 6 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series electrical characteristics (t j = 25c, unless otherwise specified) inverter part note: 6. t on and t off include the propagation delay time of the internal drive ic. t c(on) and t c(off) are the switching time of igbt itself under the given gate driving condition internally. for the detailed information, please see figure 4 . figure 4. switching time definition symbol parameter conditions min. typ. max. unit v ce(sat) collector - emitter saturation voltage v cc = v bs = 15 v v in = 5 v i c = 15 a, t j = 25c - - 2.0 v v f fwdi forward voltage v in = 0 v i f = 15 a, t j = 25c - - 2.2 v hs t on switching times v pn = 300 v, v cc = 15 v, i c = 15 a t j = 25c v in = 0 v ? 5 v, inductive load see figure 5 (note 6) -1.0- ? s t c(on) -0.4- ? s t off -0.4- ? s t c(off) -0.1- ? s t rr -0.1- ? s ls t on v pn = 300 v, v cc = 15 v, i c = 15 a t j = 25c v in = 0 v ? 5 v, inductive load see figure 5 (note 6) -0.8- ? s t c(on) -0.3- ? s t off -0.8- ? s t c(off) -0.1- ? s t rr -0.1- ? s i ces collector - emitter leakage current v ce = v ces --5ma v ce i c v in t on t c(on) v in(on) 10% i c 10% v ce 90% i c 100% i c t rr 100% i c v ce i c v in t off t c(off) v in(off) 10% v ce 10% i c (a) turn-on (b) turn-off
?2015 fairchild semiconductor corporation 7 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series figure 5. example circuit for switching test figure 6. switching loss characteristics figure 7. temperature profile of v ts (typical) one-leg diagram of spm 3 p n u,v,w vcc( h) in(h) com(h) vb out(h) vs vcc (l) in (l ) com(l) ou t(l ) csc tsu vfo i c v pn u,v,w inductor hs switching ls switching v 300v v v +15 v +5v 4.7k ? c bs hs switching ls switching v in 0v 5v v cc
?2015 fairchild semiconductor corporation 8 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series bootstrap diode part control part note: 7. short-circuit current protection is functioning only at the low-sides. 8. t lvic is the temperature of lvic itself. v ts is only for sensing temperature of lvic and can not shutdown igbts automatically. symbol parameter conditions min. typ. max. unit v f forward voltage i f = 0.1 a, t j = 25c - 2.5 - v t rr reverse recovery time i f = 0.1 a, di f / dt = 50 a / ? s, t j = 25c - 80 - ns symbol parameter conditions min. typ. max. unit i qcch quiescent v cc supply current v cc(h) = 15 v, in (uh,vh,wh) = 0 v v cc(h) - com - - 0.60 ma i qccl v cc(l) = 15 v, in (ul,vl, wl) = 0 v v cc(l) - com - - 6.0 ma i pcch operating v cc supply current v cc(h) = 15 v, f pwm = 20 khz, duty = 50%, applied to one pwm signal input for high- side v cc(h) - com - - 2.0 ma i pccl v cc(l) = 15v, f pwm = 20 khz, duty = 50%, applied to one pwm signal input for low- side v cc(l) - com - - 10.0 ma i qbs quiescent v bs supply current v bs = 15 v, in (uh, vh, wh) = 0 v v b(u) - v s(u) , v b(v) - v s(v) , v b(w) - v s(w) --0.50ma i pbs operating v bs supply current v cc = v bs = 15 v, f pwm = 20 khz, duty = 50%, applied to one pwm signal input for high-side v b(u) - v s(u) , v b(v) - v s(v) , v b(w) - v s(w) --2.0ma v foh fault output voltage v cc = 15 v, v sc = 0 v, v fo circuit: 4.7 k ? to 5 v pull-up 4.5 - - v v fol v cc = 15 v, v sc = 1 v, v fo circuit: 4.7 k ? to 5 v pull-up --0.5v v sc(ref) short circuit trip level v cc = 15 v (note 7) c sc - com (l) 0.45 0.50 0.55 v uv ccd supply circuit under- voltage protection detection level 9.8 - 13.3 v uv ccr reset level 10.3 - 13.8 v uv bsd detection level 10.0 - 12.0 v uv bsr reset level 10.5 - 12.5 v t fod fault-out pulse width 50 - - ? s v ts lvic temperature sensing voltage output v cc(l) = 15 v, t lvic = 25c (note 8) see figure 7 540 640 740 mv v in(on) on threshold voltage applied between in (uh, vh, wh) - com, in (ul, vl, wl) - com --2.6v v in(off) off threshold voltage 0.8 - - v
?2015 fairchild semiconductor corporation 9 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series recommended oper ating conditions note: 9. this product might not make response if input pulse width is less than the recommanded value. symbol parameter conditions value unit min. typ. max. v pn supply voltage applied between p - n u , n v , n w - 300 400 v v cc control supply voltage applied between v cc(uh, vh, wh) - com, v cc(l) - com 14.0 15 16.5 v v bs high-side bias voltage applied between v b(u) - v s(u) , v b(v) - v s(v) , v b(w) - v s(w) 13.0 15 18.5 v dv cc / dt, dv bs / dt control supply variation - 1 - 1 v / ? s t dead blanking time for preventing arm - short for each input signal 2.0 - - ? s f pwm pwm input signal -40 ? c ?? t c ?? 125c, -40 ? c ?? t j ?? 150c - - 20 khz v sen voltage for current sensing applied between n u , n v , n w - com (including surge voltage) - 4 4 v t j junction temperature - 40 - 150 ? c
?2015 fairchild semiconductor corporation 10 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series mechanical characteristics and ratings figure 8. flatness measurement position figure 9. mounting screws torque order note: 10. do not make over torque when mounting screws. much mounting torque may cause dbc cracks, as well as bolts and al heat-sink destruction. 11. avoid one-sided tightening stress. figure 9 shows the recommended torque order for mounting screws. uneven mounting can cau se the dbc substrate of package to be damaged. the pre-screwing torque is set to 20 ~ 30% of maximum torque rating. parameter conditions min. typ. max. unit mounting torque mounting screw: m3 recommended 0.62 n?m 0.51 0.62 0.80 n?m device flatness see figure 7 0 - +150 ? m weight - 15.00 - g ( + ) ( + ) ( + ) ( + ) 1 2 pre - screwing : 1 2 final screwing : 2 1
?2015 fairchild semiconductor corporation 11 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series time charts of spms protective function figure 10. under-voltage protection (low-side) a1 : control supply voltage rises: after the voltage rises uv ccr , the circuits start to operate when next input is applied. a2 : normal operation: igbt on and carrying current. a3 : under voltage detection (uv ccd ). a4 : igbt off in spite of control input condition. a5 : fault output operation starts with a fixed pulse width. a6 : under voltage reset (uv ccr ). a7 : normal operation: igbt on and carrying curr ent by triggering next signal from low to high. figure 11. under-voltage protection (high-side) b1 : control supply voltage rises: after the voltage reaches uv bsr , the circuits start to operate when next input is applied. b2 : normal operation: igbt on and carrying current. b3 : under voltage detection (uv bsd ). b4 : igbt off in spite of control input c ondition, but there is no fault output signal. b5 : under voltage reset (uv bsr ). b6 : normal operation: igbt on and carrying curr ent by triggering next signal from low to high. input signal output current fault output signal control supply voltage reset uv ccr protection circuit state set reset uv ccd a1 a3 a2 a4 a6 a5 a7 input signal output current fault output signal control supply voltage reset uv bsr protection circuit state set reset uv bsd b1 b3 b2 b4 b6 b5 high-level (no fault output)
?2015 fairchild semiconductor corporation 12 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series figure 12. short-circui t current protection (low-side operation only) (with the external sense resistance and rc filter connection) c1 : normal operation: igbt on and carrying current. c2 : short circuit current detection (sc trigger). c3 : all low-side igbt?s gate are hard interrupted. c4 : all low-side igbts turn off. c5 : fault output operation starts with a fixed pulse width. c6 : input high: igbt on state, but during the acti ve period of fault output the igbt doesn?t turn on. c7 : fault output operation finishes, but igbt doesn?t turn on until trig gering next signal from low to high. c8 : normal operation: igbt on and carrying current. input/output interface circuit figure 13. recommended cpu i/o interface circuit note: 12. rc coupling at each input might change depending on the pwm control scheme used in the application and the wiring impedance of the application?s printed circuit board. the input signal section of the motion spm 3 product integrates 5 k ?? ( typ.) pull-down resistor. therefore, when using an external filtering resistor, please pay attention to the signal voltage drop at input terminal. lower arms control input output current sensing voltage of sense resistor fault output signal sc reference voltage rc filter circuit time constant delay sc current trip level protection circuit state set reset c6 c7 c3 c2 c1 c8 c4 c5 internal igbt gate-emitter voltage internal delay at protection circuit mcu com +5v (mcu or control power ) ,, in (u l) in (vl) in (wl) ,, in (uh) in (vh) in (w h ) v fo 4.7 k ? spm
?2015 fairchild semiconductor corporation 13 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series figure 14. typical application circuit note: 13. to avoid malfunction, the wiring of each input should be as short as possible. (less than 2 - 3 cm) 14. v fo output is open-drain type. this signal line should be pulled up to the positive side of the mcu or control power supply with a resistor that makes i fo up to 2 ma. please refer to figure 13. 15. input signal is active-high type. there is a 5 k ? resistor inside the ic to pull-down each input signal line to gnd. rc coupling circuits should be adopted for the prevention of input signal oscillation. r 1 c 1 time constant should be selected in the range 50 ~ 150 ns . ( recommended r 1 = 100 ? , c 1 = 1 nf) 16. each wiring pattern inductance of a point should be minimized (recommend less than 10nh). use the shunt resistor r 4 of surface mounted (smd) type to reduce wiring inductance. to prevent malfunction, wiring of point e should be connected to the terminal of the shunt resistor r 4 as close as possible. 17. to prevent errors of the protection function, the wiri ng of b, c, and d point should be as short as possible. 18. in the short-circuit protection circuit, please select the r 6 c 6 time constant in the range 1.5 ~ 2 ? s. do enough evaluaiton on the real system because shor t-circuit protection time may vary wiring pattern layout and value of the r 6 c 6 time constant. 19. each capacitor should be mounted as close to the pins of the motion spm ? 3 product as possible. 20. to prevent surge destruction, the wiring between the smoothing capacitor c 7 and the p & gnd pins should be as short as possible. the use of a high-frequency non-inductive capacitor of around 0.1 ~ 0.22 ? f between the p & gnd pins is recommended. 21. relays are used at almost every systems of electrical equipments at industrial application. in these cases, there should b e sufficient distance between the cpu and the relays. 22. the zener diode or transient voltage suppressor should be adopted for the protection of ics from the surge destruction betw een each pair of control supply terminals (recommanded zener diode is 22 v / 1 w, which has the lower zener impedance characteristic than about 15 ? ). 23. c 2 of around 7 times larger than bootstrap capacitor c 3 is recommended. 24. please choose the electrolytic capacitor with good temperature characteristic in c 3 . also, choose 0.1 ~ 0.2 ? f r-category ceramic capacitors with good temperature and frequency characteristics in c 4 . fault c 3 c 4 c 2 c 4 5v line r 3 c 1 r 1 m v dc c 7 gating uh gating vh gating w h gating w l gating vl gating ul c 1 m c u r 5 r 5 r 5 r 4 r 4 r 4 c 5 c 5 c 5 w-phase current v-phase current u-phase current r 6 com v cc in in in v fo v ts c sc out out out n u (21) n v (22) n w (23) u (24) v (2 5) w (2 6) p (2 7) (20) v s(w) (19) v b(w) (16) v s(v) (15) v b(v) (8) c sc (7) v ts (6) v fo (5) in (w l ) (4) in (v l) (3) in (ul ) (2) com (1) v cc( l) v cc v b out com v s in (18) v cc( h) (17) in (wh) (14) v cc( h) (13) in (vh) (12) v s(u) (11) v b(u) (10) v cc( h) (9) in (uh) input signal for short -circuit protection c 6 r 1 r 1 r 1 r 1 r 1 r 1 c 1 c 1 c 1 a b d c e v cc v b out com v s in v cc v b out com v s in c 3 c 4 c 3 c 4 15v line c 4 c 4 c 4 c 1 c 1 c 1 d 2 d 2 d 2 power gnd line control gnd line d 2 vts c 5
?2015 fairchild semiconductor corporation 14 www.fairchildsemi.com FSBB15CH60D rev. 1.0 FSBB15CH60D moti on spm? 3 series detailed package outline dr awings (FSBB15CH60D) package drawings are provided as a servic e to customers considering fairchild co mponents. drawings may change in any manner without notice. please note the revision and/or data on the drawing and contact a fairchildsemicondu ctor representative to veri fy or obtain the most recent revision. package s pecifications do not expand the terms of fa irchild?s worldwide therm and conditions, specifically the the warranty therei n, which covers fairchild products. always visit fairchild semiconduct or?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/dwg/mo/mod27ba.pdf
?2015 fairchild semiconductor corporation 15 www.fairchildsemi.com FSBB15CH60D rev. 1.0


▲Up To Search▲   

 
Price & Availability of FSBB15CH60D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X